|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Discrete Products CD-ROM Selection Guide Power MOSFET Selector TO-220F Part Number N-Channel FQPF85N06 FQPF65N06 FQPF50N06 FQPF30N06L FQPF20N06L FQPF19N10L FQPF19N10 FQPF34N20 FQPF34N20L FQPF19N20L FQPF19N20 FQPF12N20L FQPF12N20 FQPF10N20L FQPF10N20 FQPF630 FQPF7N20 FQPF7N20L FQPF5N20 FQPF5N20L FQPF4N20L FQPF4N20 FQPF27N25 FQPF16N25 FQPF9N25 FQPF8N25 FQPF6N25 FQPF4N25 FQPF3N25 FQPF22N30 300 250 200 100 60 0.01 0.016 0.022 0.035 0.055 0.1 0.1 0.075 0.075 0.14 0.15 0.28 0.28 0.36 0.36 0.4 0.69 0.75 1.2 1.2 1.35 1.4 0.11 0.23 0.42 0.55 1 1.75 2.2 0.16 1.25@5 1.4@5 0.78@5 0.38@5 0.32@5 0.08@5 0.15@5 0.045@5 0.07@5 0.11@5 112 65 41 20 13 18 25 78 72 35 40 21 23 17 18 25 10 9 7.5 6.2 5.2 6.5 65 35 20 15 8.5 5.6 5.2 60 53 40 31 22.5 15.7 13.6 13.6 17.5 17.5 12.8 11.8 8.2 8.2 6.8 6.8 6.3 4.8 5 3.5 3.5 3 2.8 14 9.5 6.7 5.5 4 2.8 2.3 12 62 56 47 38 30 38 38 55 55 50 50 45 45 40 40 38 37 37 32 32 27 27 55 50 45 40 37 32 27 56 VDS (V) 10V RDS(ON) Max () @ VGS = 4.5V 2.5V QG (nC) @ VGS = 5V ID (A) PD (W) Discrete Products CD-ROM Selection Guide Power MOSFET Selector TO-220F (Continued) Part Number VDS (V) 10V N-Channel (Continued) FQPF14N30 FQPF9N30 FQPF7N30 FQPF5N30 FQPF3N30 FQPF2N30 FQPF17N40 FQPF11N40 FQPF7N40 FQPF6N40 FQPF5N40 FQPF3N40 FQPF2N40 FQPF6N45 FQPF13N50 FQPF9N50 FQPF6N50 FQPF5N50 FQPF4N50 FQPF2N50 FQPF1N50 FQPF12N60 FQPF7N60 FQPF6N60 FQPF5N60 FQPF4N60 FQPF3N60 FQPF2N60 FQPF1N60 FQPF6N70 700 600 450 500 400 300 0.29 0.45 0.7 0.9 2.2 3.7 0.27 0.48 0.8 1.15 1.6 3.4 5.8 1.1 0.43 0.73 1.3 1.8 2.7 5.3 9 0.7 1 1.5 2 2.2 3.6 4.7 11.5 1.5 40 22 17 13 7 5 60 35 22 17 13 7.5 5.5 21 60 36 22 17 13 8 5.5 54 38 25 20 20 13 11 6 40 8.5 6 4.9 3.9 2 2.1 9.5 6.6 4.6 3.7 3 1.6 1.1 4 7.3 5.3 3.6 3 2.3 1.3 0.9 5.8 4.3 6.2 2.8 2.6 2 1.6 0.9 3.5 50 42 39 35 20 40 56 50 42 39 35 20 16 42 56 50 42 39 35 20 16 55 48 44 40 36 34 28 21 48 RDS(ON) Max () @ VGS = 4.5V 2.5V QG (nC) @ VGS = 5V ID (A) PD (W) Discrete Products CD-ROM Selection Guide Power MOSFET Selector TO-220F (Continued) Part Number VDS (V) 10V N-Channel (Continued) FQPF7N80 FQPF6N90 FQPF5N90 FQPF4N90 FQPF3N90 FQPF2N90 P-Channel FQPF12P20 FQPF7P20 FQPF5P20 FQPF3P20 FQPF9P25 FQPF6P25 FQPF4P25 FQPF2P25 FQPF4P40 FQPF2P40 FQPF3P50 FQPF1P50 -500 -400 -250 -200 0.47 0.69 1.4 2.7 0.62 1.1 2.1 4 3.1 6.5 4.9 10.5 40 25 13 8 38 27 14 8.5 23 13 23 14 7.3 5.2 3.4 2.2 6 4.2 2.8 1.8 2.4 1.3 1.9 1 50 45 38 32 50 45 38 32 39 28 39 28 800 900 1.5 1.9 2.3 3.1 4.25 7.2 52 52 40 30 26 15 3.8 3.4 3 2.5 2.1 1.4 56 56 51 47 43 35 RDS(ON) Max () @ VGS = 4.5V 2.5V QG (nC) @ VGS = 5V ID (A) PD (W) |
Price & Availability of TO-220F |